PART |
Description |
Maker |
FM809 FM809_810 |
3-Pin µC Supervisor Circuits From old datasheet system
|
Fairchild Semiconductor
|
ASM706SCPA ASM706SCSA ASM706SCUA ASM706SEPA ASM706 |
CPU Supervisors with Watchdog Timer and Power Fail Detector CPU Supervisors with Power Fail Detector CAC 3C 3#16S SKT RECP BOX 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 3/3.3/4.0 V uP Supervisor Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 4 V, mP supervisor circuit 2.93 V, mP supervisor circuit 3.08 V, mP supervisor circuit
|
http:// ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
ASM705 ASM705CPA ASM705CPAF ASM705CSA ASM705CSAF A |
Low Power μP Supervisor Circuits Low Power 渭P Supervisor Circuits Low Power 楼矛P Supervisor Circuits
|
PulseCore Semiconductor
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
FM1233BE FM1233BF FM1233BD |
3-Pin C Supervisor Circuit
|
Fairchild Semiconductor
|
TCM811 TCM811FERC TCM811LERC TCM811MERC TCM811RERC |
The TCM811 and TCM812 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. A manual reset input is provided to override the reset monitor, 4-Pin Microcontroller Reset Monitors
|
MICROCHIP[Microchip Technology]
|
PT7A7511 PT7A7511-15 PT7A7512 PT7A7513 PT7A7514 PT |
uP Supervisor Circuits
|
Pericom Semiconductor Corporation Pericom Semiconductor C...
|
SP809NEK-3-1/TR SP809EK-2-3 SP809EK-2-9 SP810EK-2- |
3 Pin Microprocessor Supervisor Circuit 3引脚微处理器监控电路
|
Ecliptek, Corp. Citizen Finetech Miyota
|
STC705 |
(STC7xx) UP Supervisor Circuits
|
ETC
|
PT7M7809 PT7M7342 PT7M7810 PT7M7345 PT7M7824 PT7M7 |
(PT7M7xxx) uP Supervisor Circuits
|
Pericom Technology
|
TCM810 TCM809 |
3-Pin Microcontroller Reset Monitors(3寮??寰???跺?澶??????? IC,VOLT DETECTOR,FIXED, 4.63V,CMOS,TSSOP,6PIN,PLASTIC The TCM809 and TCM810 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required. The reset output is driven
|
Microchip Technology Inc.
|